PART |
Description |
Maker |
IRGC5B120UB |
TRANSISTOR | IGBT | N-CHAN | 1.2KV V(BR)CES | CHIP
|
|
SGW15N120 |
TRANSISTOR,IGBT,N-CHAN,1.2KV V(BR)CES,32A I(C),TO-247AC
|
Infineon
|
IRG4BC20MDS IRG4BC20MD-S IRG4BC20MD-STRR IRG4BC20M |
600V Fast 1-8 kHz Copack IGBT in a D2-Pak package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=11A) TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 11A I(C) | TO-263AB
|
IRF[International Rectifier]
|
IRG4RC10KD IRG4RC10 IRG4RC10KDTRR |
TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 5A I(C) | TO-252AA 晶体管| IGBT的|正陈| 600V的五(巴西)国际消费电子展| 5A条一(c)|52AA INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.39V, @Vge=15V, Ic=5.0A) 600V UltraFast 8-25 kHz Copack IGBT in a D-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
F8A10G |
TRANSISTOR | IGBT | N-CHAN | 1KV V(BR)CES | 8A I(C) | TO-247 晶体管| IGBT的|正陈| 1KV交五(巴西)国际消费电子展| 8A条一(c)|47
|
Jiangsu Changjiang Electronics Technology Co., Ltd.
|
CT20ASJ8 |
TRANSISTOR | IGBT | N-CHAN | 400V V(BR)CES | 130A I(C) | TO-252 晶体管| IGBT的|正陈| 400V五(巴西)国际消费电子展| 130A条一(c)|52
|
Mitsubishi Electric, Corp.
|
HGT1S1N120CNDS9A |
TRANSISTOR | IGBT | N-CHAN | 1.2KV V(BR)CES | 6.2A I(C) | TO-263AB 晶体管| IGBT的|正陈| 1.2KV五(巴西)国际消费电子展| 6.2AI(丙)|63AB
|
Intersil, Corp.
|
IXGH24N60BU1S |
TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 48A I(C) | TO-247SMD 晶体管| IGBT的|正陈| 600V的五(巴西)国际消费电子展| 48A条一(c)|47SMD
|
IXYS, Corp.
|
IRGPC50U |
TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 55A I(C) | TO-247AC 晶体管| IGBT的|正陈| 600V的五(巴西)国际消费电子展| 55A条一(c)|47AC
|
International Rectifier, Corp.
|
IXGP15N120B |
TRANSISTOR | IGBT | N-CHAN | 1.2KV V(BR)CES | 30A I(C) | TO-220AB 晶体管| IGBT的|正陈| 1.2KV五(巴西)国际消费电子展| 30A条一(c)| TO - 220AB现有
|
Maxim Integrated Products
|
HGTP1N120BN HGTD1N120BNS HGTD1N120BNS9A |
5.3A, 1200V, NPT Series N-Channel IGBT 5.3A, 1200V, NPT Series N-Channel IGBT 5.3 A, 1200 V, N-CHANNEL IGBT, TO-252AA TRANSISTOR | IGBT | N-CHAN | 1.2KV V(BR)CES | 2.7A I(C) | TO-252AA 5.3 A, 1200 V, N-CHANNEL IGBT, TO-252AA
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|